PART |
Description |
Maker |
S5U2178 |
CMOS Low Dropout Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
MAX8530 MAX8531 MAX8530ETT MAX8531ETT MAX8530EBT M |
Dual Low-Dropout Linear Regulator with RESET-bar or Low-Noise Output in UCSP or QFN Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
SI-3002KWD SI-3002KWD-TL |
1 A, low-dropout, dual output, 2.5 V & 3.3 V regulator. SI-3002KWD 1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
UPD120N UPD120N15T1B-E1-AZ UPD120N15T1B-E2 UPD120N |
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A) 三端低压差正电压调节器(输出电流0.3 CONNECTOR ACCESSORY 连接器附 THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A) 三端低压差正电压调节器(输出电流.3 Relays; Leaded Process Compatible:Yes
|
NEC, Corp. NEC Corp. NEC[NEC]
|
SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX273 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
SG29125A SG29125 SG29125AP SG29125P |
LOW DROPOUT DUAL REGULATOR 低压差型双调节器 LOW DROPOUT DUAL REGULATOR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSFM5 From old datasheet system Low Drop Out Regulator - Dual
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. Microsemi Corporation
|